Part Number Hot Search : 
TSOP12 MAX16 FR103 02228 TMP86 1N5236 40510 1N4738A
Product Description
Full Text Search
 

To Download 1N4764A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1W Zener Diodes 1N4728A - 1N4764A
1W Zener Diodes
Features
* * * * * * 1W Power Dissipation Built-in Strain Relief Low Inductance High Stability Zener Voltage from 3.3V to 100V High temperature soldering guaranteed: 260C/10 seconds /.037" (9.5mm) lead length,
DO-41(G)
* RoHS Compliant
Mechanical Data
Case: Terminals: Epoxy: Weight: DO-41(G), Molded Glass Axial leads, solderable per MIL-STD-202, Method 208 Plastic package has UL flammability classification 94V-0 0.012 ounce, 0.3 gram
Maximum Ratings
Symbol
(T Ambient=25C unless noted otherwise)
Value 1 1.2 150 -65 to +150 Unit W V C C Conditions
Description Power Dissipation above 25 C Forward Voltage Max. Junction Temperature Storage Temperature Range
PD VF TJ TSTG
IF=0.1 A
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON Fax: (800)-TAITFA (800)-824-8766 (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. C/AH 2008-02-13 Page 1 of 4
1W Zener Diodes 1N4728A - 1N4764A
Electrical Characteristics (T Ambient=25C unless noted otherwise)
Normal Zener Voltage P/N Nom. VZ VZ @ IZT Min. VZ Max. VZ IZT
(mA)
Maximum Zener Impedance ZZT @ IZT Zzk @ Izk mA
Maximum Regulator Current
Maximum Reverse Leakage Current IR @ VR A VR
IZM
(mA)
1N4728A 1N4729A 1N4730A 1N4731A 1N4732A 1N4733A 1N4734A 1N4735A 1N4736A 1N4737A 1N4738A 1N4739A 1N4740A 1N4741A 1N4742A 1N4743A 1N4744A 1N4745A 1N4746A 1N4747A 1N4748A 1N4749A 1N4750A 1N4751A 1N4752A 1N4753A 1N4754A 1N4755A
3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43
3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.89 6.46 7.13 7.79 8.65 9.50 10.45 11.40 12.35 14.25 15.20 17.10 19.00 20.90 22.80 25.65 28.50 31.35 34.20 37.05 40.85
3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.51 7.14 7.88 8.61 9.56 10.50 11.55 12.60 13.65 15.75 16.80 18.90 21.00 23.10 25.20 28.35 31.50 34.65 37.80 40.95 45.15
76 69 64 58 53 49 45 41 37 34 31 28 25 23 21 19 17 15.5 14 12.5 11.5 10.5 9.5 8.5 7.5 7.0 6.5 6.0
10 10 9 9 8 7 5 2 3.5 4.0 4.5 5 7 8 9 10 14 16 20 22 23 25 35 40 45 50 60 70
400 400 400 400 500 550 600 700 700 700 700 700 700 700 700 700 700 700 750 750 750 750 750 1000 1000 1000 1000 1500
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
276 252 234 217 193 178 162 146 133 121 110 100 91 83 76 69 61 57 50 45 41 38 34 30 27 25 23 22
100 100 50 10 10 10 10 10 10 10 10 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 7.6 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7
Rev. C/AH 2008-02-13 www.taitroncomponents.com Page 2 of 4
1W Zener Diodes 1N4728A - 1N4764A
Normal Zener Voltage P/N Nom. VZ VZ @ IZT Min. Max. VZ VZ IZT
(mA)
Maximum Zener Impedance ZZT @ IZT Zzk @ Izk mA
Maximum Regulator Current
Maximum Reverse Leakage Current IR @ VR A VR
IZM
(mA)
1N4756A 1N4757A 1N4758A 1N4759A 1N4760A 1N4761A 1N4762A 1N4763A 1N4764A
47 51 56 62 68 75 82 91 100
44.65 48.45 53.20 58.90 64.60 71.25 77.9 86.45 95.00
49.35 53.55 58.80 65.10 71.40 78.75 86.10 95.55 105.0
5.5 5.0 4.5 4.0 3.7 3.3 3.0 2.8 2.5
80 95 110 125 150 175 200 250 350
1500 1500 2000 2000 2000 2000 3000 3000 3000
0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
19 18 16 14 13 12 11 10 9
5 5 5 5 5 5 5 5 5
35.8 38.8 42.6 47.1 51.7 56.0 62.2 69.2 76.0
Note: 1. VZ (V) is the difference between VZ at 100mA and at 10mA
Characteristics Curves
Fig - Power Derating Curve
PD Max. Power Dissipation (W)
Ambient Temperature Ta (C)
Rev. C/AH 2008-02-13 www.taitroncomponents.com Page 3 of 4
1W Zener Diodes 1N4728A - 1N4764A
Dimensions in inches (mm)
1.0 (25.4) MIN.
0.107 (2.7) 0.080 (2.0) DIA.
0.205 (5.2) 0.166 (4.2)
1.0 (25.4) MIN. 0.034 (0.86) 0.028 (0.71) DIA.
How to contact us:
DO-41(G)
US HEADQUARTERS
28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 247-2232 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN' AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931 Rev. C/AH 2008-02-13 www.taitroncomponents.com Page 4 of 4


▲Up To Search▲   

 
Price & Availability of 1N4764A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X